PART |
Description |
Maker |
22-01-1124 |
CONN RCPT HOUSING 12POS 2.5MM
|
Molex
|
52892-2095-C |
CONN FPC 20POS .5MM SMD R/A ZIF
|
Molex
|
39353-0019 |
CONN HEADER 3.5MM 19POS VERT PCB
|
Molex
|
22-04-1071 22-04-1111 22-04-1131 22-05-1022 22-04- |
Header Connector,PCB Mnt,RECEPT,7 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 11POS 2.5MM VERT TIN 11 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK2.5MM FR.LOCK WAF. ASS 504513A 13 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,2 Contacts,PIN,0.098 Pitch,PC TAIL Terminal 2 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,2 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,6 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 9POS 2.5MM R/A TIN 9 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 14POS 2.5MM R/A TIN 14 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK2.5MM FR.LOCK WAF. ASS 504517A 17 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK2.5MM FR.LOCK WAF. ASS 504520A 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 14POS 2.5MM VERT TIN 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Vertical Header; No. of Contacts:3; Pitch Spacing:0.098"; No. of Rows:1; Gender:Header; Series:5045; Body Material:6/6 Nylon; Current Rating:3A; Voltage Rating:250V KK2.5MM FL WAF.ASS. GOLD 504510AG Header Connector,PCB Mnt,RECEPT,8 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK CONN HEADER 11POS 2.5MM R/A TIN HEADER, SQ PIN 2.5MM 12WAY ; Ways, No. of:12; Pitch:2.5mm; Approval Bodies:UL, CSA; Colour:White; Current rating:2.5A; Diameter, PCB hole:1.02mm; Flammability rating:UL94V-0; Force, de-mating:0.57N; Housing type:Black Glass Filled
|
Molex, Inc. MOLEX INC
|
52559-1670 |
CONN FFC 16POS .5MM VERT ZIF SMD
|
Molex
|
1565360-9 1565359 1565359-1 1565359-3 1565359-5 15 |
ON TAPING 0.5MM PITCH FINE MATE CONN. TAB ASSEMBLY
|
Tyco Electronics
|
293315-5 |
7.5mm MiniHVL Connector System; 7.5 mm PCB conn. assy 90 degree male ( Tyco Electronics )
|
Tyco Electronics
|
QSH-060-01-L-D-A |
CONN RCPT HI-SPD .5MM 120POS DL 120 CONTACT(S), FEMALE, STRAIGHT BOARD STACKING CONNECTOR, SURFACE MOUNT, SOCKET
|
Samtec, Inc.
|
A-HDS15-HOOD-WP-R |
D-SUB CONN. ASSY SCREW HO15P M CONN M PIN
|
Assmann Electronics Inc.
|
ITTCANNON-BKAT2-234-3 BKAF2-234-3 BKAE2-234-3 BKAC |
234 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, WIRE WRAP, RECEPTACLE 234 CONTACT(S), MALE, MULTIWAY RACK AND PANEL CONN, CRIMP, PLUG 713 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, CRIMP, RECEPTACLE 600 CONTACT(S), MALE, MULTIWAY RACK AND PANEL CONN, WIRE WRAP, PLUG 600 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, WIRE WRAP, RECEPTACLE 310 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, WIRE WRAP, RECEPTACLE 310 CONTACT(S), MALE, MULTIWAY RACK AND PANEL CONN, CRIMP, PLUG 65 CONTACT(S), MALE, MULTIWAY RACK AND PANEL CONN, CRIMP, PLUG 120 CONTACT(S), MALE, MULTIWAY RACK AND PANEL CONN, CRIMP, PLUG 125 CONTACT(S), MALE, MULTIWAY RACK AND PANEL CONN, CRIMP, PLUG 125 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, WIRE WRAP, RECEPTACLE 400 CONTACT(S), MALE, MULTIWAY RACK AND PANEL CONN, CRIMP, PLUG 306 CONTACT(S), MALE, MULTIWAY RACK AND PANEL CONN, CRIMP, PLUG 164 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, CRIMP, RECEPTACLE 306 CONTACT(S), MALE, MULTIWAY RACK AND PANEL CONN, PLUG 306 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, WIRE WRAP, RECEPTACLE 155 CONTACT(S), MALE, MULTIWAY RACK AND PANEL CONN, CRIMP, PLUG 163 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, CRIMP, RECEPTACLE 163 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, WIRE WRAP, RECEPTACLE 271 CONTACT(S), MALE, MULTIWAY RACK AND PANEL CONN, CRIMP, PLUG 86 CONTACT(S), MALE, MULTIWAY RACK AND PANEL CONN, CRIMP, PLUG 245 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, RECEPTACLE 158 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, CRIMP, RECEPTACLE 65 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, WIRE WRAP, RECEPTACLE 65 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, CRIMP, RECEPTACLE 65 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, RECEPTACLE 250 CONTACT(S), MALE, MULTIWAY RACK AND PANEL CONN, CRIMP, PLUG 271 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, WIRE WRAP, RECEPTACLE 173 CONTACT(S), MALE, MULTIWAY RACK AND PANEL CONN, CRIMP, PLUG 85 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, WIRE WRAP, RECEPTACLE 85 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, RECEPTACLE 86 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, CRIMP, RECEPTACLE
|
ITT CANNON
|
15-82-0328 15-82-1655 |
CONN SOCKET SIMM 72POS R/A GOLD 72 CONTACT(S), FEMALE, RIGHT ANGLE SINGLE PART CARD EDGE CONN, SURFACE MOUNT, SOCKET
|
Molex, Inc. MOLEX INC
|
|